PART |
Description |
Maker |
IIRFR9220TRLPBF IRFR9220PBF IRFU9220 IRFU9220PBF |
Dynamic dV/dt Rating
|
Kersemi Electronic Co., Ltd. Kersemi Electronic Co.,...
|
AUIRF1404STRR AUIRF1404L AUIRF1404STRL |
75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB HEXFET? Power MOSFET Dynamic dV/dT Rating
|
International Rectifier List of Unclassifed Man...
|
S89R11APP1-120 S89R11DBD1-12 S89R5DBD1-12 S89R11AB |
Bistable, Impulse Relay 15 and 20 Amp Industrial Rating Continuous Coil Rating
|
Tyco Electronics
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
6202.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Protection class II; blackThermoplastic housing
|
SCHURTER INC
|
SPC-06502-2R2 SPC-06502-270 SPC-06502-1R5 SPC-0650 |
SMD POWER INDUCTORS SMD功率电感 Thermal Magnetic Circuit Breaker; Current Rating:6A; Voltage Rating, AC:240V; Number of Poles:3; Mounting Type:DIN Rail
|
MICRO-ELECTRONICS[Micro Electronics]
|
CE40.6100.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
Schurter, Inc.
|
39-01-2100 |
IDC, Connector, Maximum AC Current Rating 7 Ampere, RMS Voltage Rating AC 250 Volt, Number Of Ways 10 10 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
A29040AV-90 A29040A-70 A29040A-90 A29040AV-55 A290 |
AUTOMATIC 600A CLAMPMETER WITH AUTOTECT RoHS Compliant: NA 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory Test RoHS Compliant: NA Fuse; Current Rating:1A; Voltage Rating:600V; Voltage Rating:600V; Voltage, AC:600V RoHS Compliant: NA 512k × 8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
9-917542-2 |
Dynamic Series Connectors; DYNAMIC D-5200S V-HDR ASSY 4P ( AMP )
|
Tyco Electronics
|